PART |
Description |
Maker |
40800104/305/305/6MM 40800000/1000/20MM 40800104/3 |
KUNSSTOFF PTFE PLATTE 305X305MM KUNSSTOFF PTFE STANGE L 0.3M 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit KUNSSTOFF聚四氟乙烯奇怪募0.5 300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit KUNSSTOFF聚四氟乙烯奇怪募100万Inhalt亲Packung沙头角
|
TE Connectivity, Ltd. Data Delay Devices, Inc.
|
30410 |
Flexible ferrite absorber platte
|
Wurth Elektronik GmbH & Co. KG, Germany.
|
11160 11150 11151 11152 11070 |
KEYSTONE PTFE Insulated Terminals & Pins
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
DCP5900254A30 |
7dBi 5.9GHz 25mm DSRC / V2V / V2X / V2I PTFE HF Patch Antenna
|
Taoglas antenna solutio...
|
BYS30-40T BYS30-50T BYS30-70T BYS30-XXX BYS30-100T |
KVM EXTENDER WITH SERIAL AND BUILT IN SKEW COMP 肖特基双二极 KVM EXTENDER RECEIVER ONLY W. SKEW COMP 肖特基双二极 SCHOTTKY-DUAL DIODES 肖特基双二极 WIRE, PTFE, A, PINK, 7/0.2MM, 25M; Area, conductor CSA:0.2mm2; Conductor make-up:7/0.2mm; Voltage rating, AC:300V; Current rating:6A; Colour, primary insulation:Pink; Material, primary insulation:PTFE; Diameter, External:0.95mm; RoHS Compliant: Yes WIRE, ETFE, TEFZEL, 16AWG, BLACK, 100M; Area, conductor CSA:1.343mm2; Conductor make-up:19/0.3; Voltage rating, AC:600V; Current rating:20A; Colour, primary insulation:Black; Material, primary insulation:Tefzel; Diameter, RoHS Compliant: Yes WIRE, ETFE, TEFZEL, 18AWG, WHITE, 100M; Area, conductor CSA:0.933mm2; Conductor make-up:19/0.25; Voltage rating, AC:600V; Current rating:15A; Colour, primary insulation:White; Material, primary insulation:Tefzel; Diameter, RoHS Compliant: Yes WIRE, ETFE, TEFZEL, 24AWG, BLACK, 100M; Area, conductor CSA:0.215mm2; Conductor make-up:19/0.12mm; Voltage rating, AC:600V; Current rating:6A; Colour, primary insulation:Black; Material, primary insulation:Tefzel; Diameter, RoHS Compliant: Yes CAT5 KEYBOARD & MOUSE EXTENDER WIRE, PTFE, B, BLACK, 7/0.2MM, 25M; Area, conductor CSA:0.22mm2; Conductor make-up:7/0.2; Voltage rating, AC:600V; Current rating:6A; Colour, primary insulation:Black; Material, primary insulation:PTFE; Diameter, External:1.2mm; RoHS Compliant: Yes KVM EXTENDER RECEIVER ONLY W. SKEW COMP KVM EXTENDR W/ SERIAL, AUDIO, & BUILT IN SKEW COMP WIRE, ETFE, TEFZEL, 24AWG, WHITE, 100M; Area, conductor CSA:0.215mm2; Conductor make-up:19/0.12mm; Voltage rating, AC:600V; Current rating:6A; Colour, primary insulation:White; Material, primary insulation:Tefzel; Diameter, RoHS Compliant: Yes WIRE, ETFE, TEFZEL, 18AWG, BLACK, 100M; Area, conductor CSA:0.933mm2; Conductor make-up:19/0.25; Voltage rating, AC:600V; Current rating:15A; Colour, primary insulation:Black; Material, primary insulation:Tefzel; Diameter, RoHS Compliant: Yes WIRE, PTFE, A, RED, 7/0.2MM, 25M; Area, conductor CSA:0.2mm2; Conductor make-up:7/0.2mm; Voltage rating, AC:300V; Current rating:6A; Colour, primary insulation:Red; Material, primary insulation:PTFE; Diameter, External:0.95mm; RoHS Compliant: Yes WIRE, PTFE, A, RED, 7/0.2MM, 100M; Area, conductor CSA:0.2mm2; Conductor make-up:7/0.2mm; Voltage rating, AC:300V; Current rating:6A; Colour, primary insulation:Red; Material, primary insulation:PTFE; Diameter, External:0.95mm; RoHS Compliant: Yes WIRE, PTFE, B, BROWN, 7/0.2MM, 100M; Area, conductor CSA:0.22mm2; Conductor make-up:7/0.2; Voltage rating, AC:600V; Current rating:6A; Colour, primary insulation:Brown; Material, primary insulation:PTFE; Diameter, External:1.2mm; RoHS Compliant: Yes CAT5 KVM EXTENDER HUB W/ SERIA WIRE, PTFE, A, WHITE, 7/0.2MM, 25M; Area, conductor CSA:0.2mm2; Conductor make-up:7/0.2mm; Voltage rating, AC:300V; Current rating:6A; Colour, primary insulation:White; Material, primary insulation:PTFE; Diameter, External:0.95mm; RoHS Compliant: Yes
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
123-100-1-2-06BEE 123-100-1-2-06BEH 123-100-1-2-06 |
Helical Convoluted Tubing (MIL-T-81914) Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK
|
Glenair, Inc.
|
121-100-1-1-06CKCE 121-100-2-1-06CKCE 121-100-1-1- |
Helical Convoluted Tubing (MIL-T-81914) Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK
|
Glenair, Inc.
|
120-103-1-2-06BE 120-103-1-2-06BF 120-103-1-2-06BK |
Helical Convoluted Tubing Natural or Black PFA, FEP, PTFE, Tefzel (ETFE) or PEEK Type B - With External Black Dacron Braid
|
Glenair, Inc.
|
MCM01 MCM01-001CC090A-T MCM01-001CC090A-TF MCM01-0 |
SMT Clad RF Capacitors Multilayer High Power, High Temperature Mica and PTFE Capacitors Mica Film Capacitor; Capacitance:3.3pF; Capacitance Tolerance: /- 0.5 pF; Working Voltage, DC:300V CAPACITOR, MICA, 500 V, 0.0000033 uF, SURFACE MOUNT
|
Cornell Dubilier Electr... Cornell Dubilier Electronics, Inc.
|
AAT3510 AAT3518 AAT3519 AAT3512 AAT3511 AAT3517 AA |
MicroPower Microprocessor Reset Cicruit with Watchdog Timer MicroPower Microprocessor Reset Circuit with Watchdog Timer Low Power, High Precision Operational Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: Industrial Voltage-Continuity Tester; Approval Bodies:UL; Voltage Rating:1500V SMT LN X-Y SOIC-20 Miniature Power Relay, 2 Form A, 10A 250VAC 10A 30VDC, 2 Coil Latching HOT STICK LC2MOS ±15 V Quad SPST Switch; Package: PLCC; No of Pins: 20; Temperature Range: Commercial 3 V to 5 V Single Supply, 200 kSPS, 12-Bit, Parallel Sampling ADC; Package: CERDIP GLASS SEAL; No of Pins: 28; Temperature Range: Industrial OSCILLATORS 50PPM -40 85 3.3V 4 9.000MHZ PD HCMOS 2X2.5 4PAD SMD 3 V to 5 V Single Supply, 200 kSPS, 12-Bit, Parallel Sampling ADC; Package: SOIC - Wide; No of Pins: 28; Temperature Range: Industrial Isolated 2, 3, or 4-Wire RTD Input Signal Conditioning Module; Package: IOS MODULE; No of Pins: 30; Temperature Range: Commercial 128K FLASH HCS12 MCU 9S12C64 (KOI) SMA R/A CRIMP PLUG RG 142,400 RoHS Compliant: Yes 3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC; Package: TSSOP (4.4mm); No of Pins: 28; Temperature Range: Industrial Touch Screen Digitizer; Package: QSOP; No of Pins: 16; Temperature Range: Industrial 3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC; Package: SOIC - Wide; No of Pins: 28; Temperature Range: Industrial AIGEAS LOW G X-LATERIAL 3 V to 5 V Single Supply, 200 kSPS, 12-Bit, Serial Sampling ADC; Package: SOIC - Wide; No of Pins: 24; Temperature Range: Commercial 3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs; Package: TSSOP (4.4mm); No of Pins: 28; Temperature Range: Industrial 2.5V to 5.5V, 115µA Parallel Interface Single Voltage Output 10-Bit DAC; Package: TSSOP; No of Pins: 20; Temperature Range: Industrial 40-Channel, 16-Bit, Serial Input, Voltage-Output DACs; Package: LFCSP (9x9mm, 7.10 exposed pad); No of Pins: 64; Temperature Range: Industrial ± 15 V /12 V Quad SPST Switch; Package: TSSOP; No of Pins: 16; Temperature Range: TBD Low Power, High Precision Operational Amplifier; Package: CERDIP GLASS SEAL; No of Pins: 8; Temperature Range: Industrial PUSHBUTTON, PU, 1POLE, NO, BLUE; Switch function type:SPNO; Voltage, contact DC max:24V; Temp, op. max:65(degree C); Temp, op. min:-20(degree C); Diameter, panel cut-out:16.2mm; Colour:Blue; Configuration, contact:NO; Dielectric RoHS Compliant: Yes ± 15 V /12 V Quad SPST NC Switch; Package: SOIC; No of Pins: 16; Temperature Range: TBD 2.5 V to 5.5 V, 250 µA, 2-Wire Interface, Dual Voltage Output, 10-Bit DACs; Package: MSOP; No of Pins: 8; Temperature Range: Industrial ±80°/sec Yaw Rate Gyro with SPI Interface; Package: LGA/CASON/CH ARRY SO NO LD; No of Pins: 16; Temperature Range: Industrial PHASE SEQUENCE & MOTOR ROTATION TESTER RF/Coaxial Connector; RF Coax Type:SMA; Contact Termination:Crimp; Body Style:Straight Plug; RG Cable Type:55, 142, 223, 400; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes RECALIBRATION SERVICE FOR RS-3 AMPROBE Test Analog multimeter Global Limit Switches Series GLS: Top Plunger, 2NC 2NO DPDT Snap Action, 20 mm SMA CRIMP PLUG FOR RD316 CABLE RoHS Compliant: Yes RECALIBRATION SERVICE FOR AMPROBE RS-1007 RF/Coaxial Connector Adapter; RF Coax Type:SMA; Body Style:Right Angle Adapter, Plug-Jack RoHS Compliant: Yes 2.5 V to 5.5 V, 250 µA, 2-Wire Interface, Dual Voltage Output,12-Bit DACs; Package: MSOP; No of Pins: 8; Temperature Range: Industrial ROCKER SWITCH, DPST, ILLUM RED; Switch function type:DPST; Current, contact AC max:16A; Temp, op. max:85(degree C); Width, panel cutout:34.5mm; Length, panel cut-out:23.5mm; Colour:Red (illuminated); Current, contact @ contact RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:SMA; Body Style:Right Angle Jack RoHS Compliant: Yes Low Capacitance, Triple SPDT ±15 V/12 V iCMOS™ Switch; Package: LFCSP (4x4x.85mm, 2.10mm exposed pad); No of Pins: 16; Temperature Range: TBD ± 150 deg/sec Angular Rate Sensor; No of Pins: 32; Temperature Range: Industrial RF/Coaxial Connector; RF Coax Type:SMA; Contact Termination:Clamp/Solder; Body Style:Straight Plug; RG Cable Type:174, 316 RoHS Compliant: Yes 40-Channel, 14-Bit, Serial Input, Voltage Output DAC; Package: LQFP (12x12x1.4mm); No of Pins: 80; Temperature Range: Industrial ROCKER SWITCH, DPST, GREY; Switch function type:DPST; Current, contact AC max:16A; Temp, op. max:85(degree C); Width, panel cutout:34.5mm; Length, panel cut-out:23.5mm; Colour:Grey Body, Chrome Actuator; Current, contact @ contact RoHS Compliant: Yes Low Capacitance, Triple SPDT ±15 V/12 V iCMOS™ Switch; Package: TSSOP; No of Pins: 16; Temperature Range: TBD RECALIBRATION SERVICE FOR AMPROBE RS-1000 Quad SPDT ±15 V/ 12 V Switch; Package: SSOP; No of Pins: 20; Temperature Range: TBD SMA R/A PLUG RD 316 NICKEL PLA RoHS Compliant: Yes LC2MOS Precision Quad SPST Switch; Package: PDIP; No of Pins: 16; Temperature Range: Industrial Digital Pen Multimeter and Clamp-on Head Adapter, 300 A Capability AC and AC Current ± 15 V /12 V Quad SPST Switch; Package: SOIC; No of Pins: 16; Temperature Range: TBD ± 150 deg/sec Angular Rate Sensor; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: Industrial SMA R/A PLUG RD 316 GOLD PLATE RoHS Compliant: Yes ROTARY-SCALE AC CLAMP-ON MULTIMETERS VOLT-AMP METERS Power Relay, 3A ±80°/sec Yaw Rate Gyro with SPI Interface; Package: EVALUATION BOARDS; No of Pins: -; Temperature Range: TBD SWITCH, SPNO, ROUND, BLACK; Switch function type:SPNO; Voltage, contact AC max:20V; Voltage, contact DC max:48V; Temp, op. max:125(degree C); Temp, op. min:-40(degree C); Diameter, panel cut-out:13.6mm; Length / Height, RoHS Compliant: Yes RESISTOR PACK,10K,10 PIN SIP DIG SLING PSYCHROMETER W/DEW & WET BULB READ SWITCH, SPNO, ROUND, BLUE; Switch function type:SPNO; Voltage, contact AC max:20V; Voltage, contact DC max:48V; Temp, op. max:125(degree C); Temp, op. min:-40(degree C); Diameter, panel cut-out:13.6mm; Length / Height, RoHS Compliant: Yes Temperature, Test, Range -10 To 50 Degree Celsius RF Coaxial Connector Adapter; Convert From:SMA Jack; Convert To:BNC Jack RoHS Compliant: Yes Type-K Temperature Adapter; Calibrated:No SOUND METER HYGROMETER, THERMO; RoHS Compliant: NA COAXIAL INTER SERIES ADAPTOR RoHS Compliant: Yes SMA SLDER CLP PLG RG58 RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:SMA; Body Style:Straight Receptacle; Series:SMA RoHS Compliant: Yes RF Coaxial Connector Adapter; Convert From:SMA Plug; Convert To:BNC Jack RoHS Compliant: Yes RF/Coaxial Connector Adapter; RF Coax Type:SMA; Impedance:50ohm; Body Style:Right Angle Adapter; Body Plating:Gold; Pack Quantity:1000; Color:Red; Stud Size:#8; Wire Size (AWG):22-18 RoHS Compliant: Yes 3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs; Package: SOIC - Wide; No of Pins: 28; Temperature Range: Industrial Low Power, High Precision Operational Amplifier; Package: ROUND HEADER/METAL CAN; No of Pins: 8; Temperature Range: TBD CAT5E PATCH CABLES SNAGLESS BLACK 25 FT Low Power, 5V CMOS RS-232 100kBPS Transceiver with 2 Drivers/Receivers; Package: SOIC - Wide; No of Pins: 16; Temperature Range: Industrial Micropower uP Reset with Watchdog Timer 微功μP 复位和看门狗定时 8-Channel, 14-Bit, Serial Input, Voltage-Output DAC; Package: LQFP (10x10mm); No of Pins: 52; Temperature Range: Industrial 微功耗P复位和看门狗定时 Low Power, 5V CMOS RS-232 Transceiver with 2 Drivers and 2 Receivers; Package: SOIC - Wide; No of Pins: 16; Temperature Range: Commercial 微功耗P复位和看门狗定时 Isolated Volt Input; 3 Hz Bandwidth Signal Conditioning Module; Package: IOS MODULE; No of Pins: 30; Temperature Range: Commercial 微功耗P复位和看门狗定时 Miniature Switch, High Precision 微功耗μP复位和看门狗定时 Programmable Low Power Gyroscope; Package: LGA; No of Pins: 20; Temperature Range: Industrial 微功耗μP复位和看门狗定时 Test, Electromagnetic Field 微功耗μP复位和看门狗定时 Polarized Power Relay, 1 Form A 1 Form B, 8A 250VAC 5A 30VDC, 2 Coil Latching 微功耗μP复位和看门狗定时 Polarized Power Relay, 1 Form A 1 Form B, 8A 250VAC 5A 30VDC, 2 Coil Latching, Reverse Polarity 微功耗μP复位和看门狗定时 32-Channel 14-Bit Serial/Parallel Bipolar D/A Converter; Package: CSPBGA (13x13x1.7mm); No of Pins: 108; Temperature Range: Industrial 微功耗μP复位和看门狗定时 40-Channel 14-Bit Bipolar Voltage-Output D/A Converter; Package: CSPBGA (13x13x1.7mm); No of Pins: 108; Temperature Range: Industrial 微功耗μP复位和看门狗定时 ± 15 V /12 V Quad SPST NC Switch; Package: SOIC; No of Pins: 16; Temperature Range: TBD 微功耗μP复位和看门狗定时 Quad SPDT ±15 V/ 12 V Switch; Package: SSOP; No of Pins: 20; Temperature Range: TBD 微功耗μP复位和看门狗定时 Digital Multimeter 微功耗μP复位和看门狗定时 2.5 V to 5.5 V, 250 µA, 2-Wire Interface, Dual Voltage Output, 10-Bit DACs; Package: MSOP; No of Pins: 8; Temperature Range: Industrial 微功耗μP复位和看门狗定时 ANEMOMETER, REMOTE VANE; RoHS Compliant: NA 微功耗μP复位和看门狗定时 Versatile Miniature Switch, High Performance 微功耗μP复位和看门狗定时 REMCON RELAY SWITCH 微功耗μP复位和看门狗定时 THERMOMETER, DUAL INPUT; RoHS Compliant: NA 微功耗μP复位和看门狗定时 Voltage-Continuity Tester; Approval Bodies:UL 微功耗μP复位和看门狗定时 RF Coaxial Connector Adapter; Convert From:SMA Jack; Convert To:BNC Plug RoHS Compliant: Yes 微功耗μP复位和看门狗定时 Low Capacitance, Triple SPDT ±15 V/12 V iCMOS™ Switch; Package: LFCSP (4x4x.85mm, 2.10mm exposed pad); No of Pins: 16; Temperature Range: TBD 微功耗μP复位和看门狗定时 LC2MOS Precision Quad SPST Switch; Package: SOIC; No of Pins: 16; Temperature Range: Industrial 微功耗μP复位和看门狗定时 High-performance Dual Core Processor 微功耗μP复位和看门狗定时 RF/Coaxial Connector; RF Coax Type:SMA; Body Style:Straight Jack RoHS Compliant: Yes 微功耗μP复位和看门狗定时 X- AXIS 100G 微功耗μP复位和看门狗定时 2.5V to 5.5V, 115µA Parallel Interface Single Voltage Output 10-Bit DAC; Package: TSSOP; No of Pins: 20; Temperature Range: Industrial 微功耗μP复位和看门狗定时 PHASE SEQUENCE & MOTOR ROTATION TESTER 微功耗μP复位和看门狗定时 Digital Multimeter; DMM Type:Handheld; Number of Digits/Alpha:3-3/4 微功耗μP复位和看门狗定时 THERMOMETER, IMMERSION; RoHS Compliant: NA 微功耗μP复位和看门狗定时 Low Power, High Precision Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial 微功耗μP复位和看门狗定时 Low Power, High Precision Operational Amplifier; Package: ROUND HEADER/METAL CAN; No of Pins: 8; Temperature Range: Industrial 微功耗μP复位和看门狗定时 RF/Coaxial Connector; RF Coax Type:SMA; Contact Termination:Crimp; Body Style:Straight Plug; RG Cable Type:316DB RoHS Compliant: Yes 微功耗μP复位和看门狗定时 Bead Type-K Thermocouple Probe; Calibrated:No RoHS Compliant: NA 微功耗μP复位和看门狗定时 RF Coaxial Connector Adapter; Convert From:BNC Plug; Convert To:SMA Plug; Body Plating:Nickel; Body Style:Straight RoHS Compliant: Yes 微功耗μP复位和看门狗定时 Digital Multimeter; DMM Type:Handheld; Number of Digits/Alpha:3-5/6 微功耗μP复位和看门狗定时 Isolated Thermocouple Input Signal Conditioning Module; Package: IOS MODULE; No of Pins: 30; Temperature Range: Commercial 微功耗μP复位和看门狗定时 Connector Adapter; Convert From:AMC Jack; Convert To:SMA Reverse Polarity Bulkhead Mount Jack; Body Plating:Gold; Insulator Material:PTFE; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 微功耗μP复位和看门狗定时 2.5 V to 5.5 V, 250 µA, 2-Wire Interface, Dual Voltage Output,12-Bit DACs; Package: MSOP; No of Pins: 8; Temperature Range: Industrial ± 15 V /12 V Quad SPST Switch; Package: TSSOP; No of Pins: 16; Temperature Range: TBD USB Adapter; Connector Type A:USB; Connector Type B:USB Adapter Cable; Cable Length:6.8" RoHS Compliant: NA Low Capacitance, Triple SPDT ±15 V/12 V iCMOS™ Switch; Package: TSSOP; No of Pins: 16; Temperature Range: TBD
|
ANALOGICTECH[Advanced Analogic Technologies] Electronic Theatre Controls, Inc. Advanced Analogic Technologies, Inc.
|
|